Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 1 Page - Advanced Micro Devices

  AMMCL002AWP Datasheet HTML 1Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 2Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 3Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 4Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 5Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 6Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 7Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 8Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21138
Rev: E Amendment/0
Issue Date: September 1997
AmMCL00XA
2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
DISTINCTIVE CHARACTERISTICS
s 2 or 4 Mbytes of addressable Flash memory
s 2.7 V to 3.6 V, single power supply operation
— Write and read voltage: 3.0 V –10/+20%
— No additional supply current required for VPP
s Fast access time
— 150 ns maximum access time
s CMOS low power consumption
— Typical active read current:
35 mA (word mode)
— Typical active erase/write current:
40 mA (word mode)
— Typical standby current:
10
µA (4 Mbyte); 5 µA (2 Mbyte)
s High write endurance
— Guaranteed minimum 100,000 write/erase
cycles per card
— More than 1,000,000 cycles per card typical
s Uniform sector architecture
— 64K byte individually useable sectors
— Erase Suspend/Resume increases system level
performance
— BUSY# and RESET# signals
s Zero data retention power
— No power required to retain data
s Available in industrial temperature grade
(–40
°C to +85°C)
s Miniature Card standard form factor
— True interchangeability
— 60-pad elastomeric connector
— Supports multiple technologies
— Sonic welded stainless steel case
— PCMCIA Type II adapter available
— Selectable byte- or word-wide configuration
— Small Form Factor (38 mm x 33 mm x 3.5 mm)
s 60 connection bus
— 16-bit data bus
— 25-bit address bus
— Easy system integration
— Low cost implementation
— Low cost cards
s Consumer-friendly mechanicals
— User can easily insert and remove card, upgrade
memory, and add applications
s Voltage level keying
— Does not allow a 3 V card to plug into a 5 V
system and vice versa
— Single power supply design
— System does not need a separate program
voltage supply; only one is necessary to read
and write
GENERAL DESCRIPTION
The Miniature Card is an expansion card that pro-
vides a low cost, low power, high-performance, small
form factor solution for data and file storage to the
portable, handheld market, which includes audio,
digital film, wireless, and PDA (Portable Digital
Assistant) applications.
Miniature cards can be easily “snapped” into the back
of an electronic system and can be readily removed
and replaced by end users. AMD’s 3 V Flash Miniature
Cards are manufactured using AMD’s industry leading
3.0 volt-only, single-power-supply Am29LV081 Flash
Memory device, ensuring high reliability and excellent
performance. The Miniature Card is less than 30% of
the size of a PCMCIA memory card. Applications
include digital voice recorders, pocket PCs and intelli-
gent organizers, smart cellular telephones, voice and
data messaging pagers, digital still cameras and por-
table instrumentation equipment.
The Miniature Card specification will be defined by
PCMCIA as of October 1997. The participating associ-
ation members include major Flash memory vendors
and leading consumer electronics OEMs. The goal of
the Miniature Card specification is to promote an open,


Similar Part No. - AMMCL002AWP

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMMC RF-AMMC Datasheet
87Kb / 2P
Ultraminiature Product Series
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
AMMC-2008-W10 BOARDCOM-AMMC-2008-W10 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
AMMC-2008-W50 BOARDCOM-AMMC-2008-W50 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
More results

Similar Description - AMMCL002AWP

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
AMC0XXDFLKA AMD-AMC0XXDFLKA Datasheet
157Kb / 46P
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
AMMC0XXA AMD-AMMC0XXA Datasheet
182Kb / 39P
2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
logo
ATMEL Corporation
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT26DF041 ATMEL-AT26DF041 Datasheet
553Kb / 20P
4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
AT45DCB008 ATMEL-AT45DCB008_06 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB004C ATMEL-AT45DCB004C_06 Datasheet
82Kb / 5P
4-megabyte 2.7-volt DataFlash Card
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com