Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AMMCL002AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AMMCL002AWP Datasheet HTML 12Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 13Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 14Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 15Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 16Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 17Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 18Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 19Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
AmMCL00XA
PR EL IMIN A R Y
AMD FLASH MEMORY PROGRAM AND
ERASE OPERATIONS
To simplify program and erase operations, AMD Flash
Memory devices include Embedded Algorithms
(Embedded Erase Algorithm and Embedded Program
Algorithm) that allow the host to simply issue a com-
mand, after which it is free to perform other tasks. The
host then only needs to monitor appropriate status bits
to determine when the operation is complete.
Embedded Erase Algorithm
When erasing a sector or device, the Embedded Erase
algorithm does not require the host to first entirely
p r e - pr ogr a m t h e de vice. U pon exe c uting th e
Embedded Erase command sequence, the addressed
memory sector or memory device automatically writes
and verifies the entire memory device or memory
sector for an all “0” data pattern. The system is not
required to provide any controls or timing during these
operations.
When the memory sector or memory device is auto-
matically verified to contain an all “0” pattern, a
self-timed chip erase-and-verify begins. The erase and
verify operations are complete when the data on D7
(D15 on the odd byte) of the memory sector or memory
device is “1” (see Write Operation Status section), at
which time the device returns to the read mode. The
system is not required to provide any control or timing
during these operations. If a Reset command is issued
while the erase operation is in progress, the erase
operation will stop, and the data in that device will be
undefined. In that case, restart the erase on that sector
a n d a llo w i t t o c omp lete .
When using the Embedded Erase algorithm, the erase
automatically terminates when adequate erase margin
has been achieved for the memory array (no erase
verify command is required).
The Embedded Erase command sequence is a
command only operation that stages the memory
sector or memory device for automatic electrical
erasure of all bytes in the array. The automatic erase
begins on the rising edge of the WE# and terminates
when the data on D7 (D15 on the odd byte) of the
memory sector or memory device is “1” (see Write
Operation Status section) at which time the device
returns to the Read mode. Please note that for the
memory device or memory sector erase operation,
Data Polling may be performed at any address in that
device or sector.
Figure 4 and Table 9 illustrate the Embedded Erase
Algorithm, a typical command string and bus operations.
As described earlier, once the memory sector in a
device or memory device completes the Embedded
Erase operation, it returns to the Read mode and
addresses are no longer latched. Therefore, the device
requires that a valid address input to the device is
supplied by the system at this particular instant of time.
Otherwise, the system will never read a “1” on D7 (D15
on the odd byte). A system designer has the following
choices to implement the Embedded Erase algorithm:
1. The host may keep the sector address (within any
of the sectors being erased) valid during the entire
Embedded Erase operation.
2. Once the system executes the Embedded Erase
command sequence, the host may remove the ad-
dress from the device and perform other tasks. The
host is required to keep track of the valid sector ad-
dress by loading it into a temporary register. When
the host comes back to Data Poll the device, it must
reassert the same address.
3. The host may monitor BUSY# (RY/BY#) to deter-
mine the status of the Embedded Algorithm in
progress. A “0” indicates that the device is busy; a
“1” indicates that the algorithm is complete.
Sector Erase
Sector erase is a six bus cycle operation. There are two
“unlock” write cycles. These are followed by writing the
“set-up” command. Two more “unlock” write cycles are
then followed by the sector erase command. The
sector address (any address location within the desired
sector) is latched on the falling edge of WE# (or CE#),
whichever occurs later, while the data is latched on the
rising edge of WE# (or CE#) pulse, whichever occurs
first. A time-out of 80
µs from the rising edge of the last
sector erase command will initiate the sector erase
com mand .
Multiple sectors can be specified for erase by writing
the six bus cycle operation as described above and
then following it by additional writes of the Sector Erase
command to addresses of other sectors to be erased.
The time between Sector Erase command writes must
be less than 80
µs, otherwise that command will not be
accepted. It is recommended that processor interrupts
be disabled during this time to guarantee this condition.
The interrupts can be re-enabled after the last Sector
Erase command is written. A time-out of 80
µs from the
rising edge of the last WE# (or CE#) will initiate the ex-
ecution of the Sector Erase command(s). If another
falling edge of the WE# (or CE#) occurs within the 80
µs time-out window, the timer is reset. During the 80 µs
window, any command other than Sector Erase or
Erase Suspend written to the device will reset the de-
vice back to Read mode. Once the 80
µs window has
timed out, only the Erase suspend command is recog-
nized. Note that although the Reset command is not
recognized in the Erase Suspend mode, the device is
available for read or program operations in sectors that
are not erase suspended. The Erase Suspended and
Erase Resume commands may be written as often as
required during a sector erase operation. Hence, once
erase has begun, it must ultimately complete unless



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com