Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 15Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 16Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 17Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 18Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 19Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 20Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 21Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 22Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AmMCL00XA
19
PRELIMIN ARY
able for read (note that in the Erase Suspend mode, the
Reset/Read command is not required for read opera-
tions and is ignored) or program operations in sectors
not being erased. Any other command written during
the Erase Suspend mode will be ignored, except for the
Erase Resume command. Writing the Erase Resume
command resumes the sector erase operation. The ad-
dresses are “don’t cares” when writing the Erase Sus-
pend or Erase Resume command.
When the Erase Suspend command is written during a
Sector Erase operation, the chip will take between 0.1
µs and 20 µs to actually suspend the operation and go
into erase suspended read mode (pseudo-read mode),
at which time the user can read or program from a sec-
tor that is not erase suspended. Reading data in this
mode is the same as reading from the standard read
mode, except that the data must be read from sectors
that have not been erase suspended.
Successively reading from the erase-suspended sec-
tor while the device is in the erase-suspend-read mode
will cause D2 to toggle. Polling D2 on successive reads
from a given sector provides the system the ability to
determine if a sector is in Erase Suspend.
After entering the erase-suspend-read mode, the user
can program the device by writing the appropriate com-
mand sequence for Byte Program. This program mode
is known as the erase suspend-program mode. Again,
programming in this mode is the same as programming
in the regular Byte Program mode, except that the data
must be programmed to sectors that are not erase sus-
pended. Successively reading from the erase sus-
pended sector while the device is in the erase
suspend-program mode will cause D2 to toggle. Com-
pletion of the erase suspend operation can be deter-
mined two ways:
s Checking the status of the toggle bit D2
s Checking the status of the RY/BY# pin
To resume the operation of Sector Erase, the Resume
command (30H) should be written. Any further writes of
the Resume command at this point will be ignored.
However, another Erase Suspend command can be
written after the device has resumed sector erase op-
erations.
Write Operation Status
Table 11 shows the status bit states for device program
and erase operations.
Data Polling—D7 (D15 on Odd Byte)
The Miniature card features DATA Polling as a method
to indicate to the host system that the embedded algo-
rithms are in progress or completed.
During the Embedded Program Algorithm, an attempt
to read the device will produce the compliment of the
data last written to D7. Upon completion of the Embed-
ded Program Algorithm, an attempt to read the device
will produce the true data last written to D7. Note that
just at the instant when D7 switches to true data, the
other bits, D6–D0, may not yet be true data. However,
they will all be true data on the next read from the de-
vice. Please note that Data Polling (D7) may give an
inaccurate result when an attempt is made to write
to a protected sector. During an Embedded Erase Al-
gorithm, an attempt to read the device will produce a ‘0’
at the D7 output. Upon completion of the Embedded
Er ase
Alg o r i th m,
an
at temp t
to
r ead
the device will produce a ‘1’ at D7.
Note: D7 is rechecked even if D5 = 1 because D7 may
change simultaneously with D5.
Figure 6.
Data Polling Algorithm
START
DQ7 = Data?
Yes
No
No
DQ5 = 1?
No
Yes
DQ7 = Data?
Yes
FAIL
PASS
21138E-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com