Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 11Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 12Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 13Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 14Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 15Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 16Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 17Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 18Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AmMCL00XA
15
PRELIMIN ARY
Table 8.
Memory Sector Addresses
Notes:
1. For word addressing, devices 0 and 1 (S0 and S1) together form Memory Device Pair 0; devices 2 and 3 (S2 and S3) form
Memory Device Pair 1. Refer to the block diagram for device connections.
2. Card address bits range from A0 to A19. Host address bits range from A0 to A20. Host address bit A0 is used for controlling
the CEL# and CEH# inputs to the card. Refer to Figure 2 for host-to-card address bit connections.
Sector
Card Address Bits
Device 0 and/or 1 (Note 1)
Device 2 and/or 3 (Note 1)
A19
A18
A17
A16
Card Address Range
Card Address Range
0
0
0
0
0
00000h–0FFFFh
100000h–10FFFFh
1
0
0
0
1
10000h–1FFFFh
110000h–11FFFFh
2
0
0
1
0
20000h–2FFFFh
120000h–12FFFFh
3
0
0
1
1
30000h–3FFFFh
130000h–13FFFFh
4
0
1
0
0
40000h–4FFFFh
140000h–14FFFFh
5
0
1
0
1
50000h–5FFFFh
150000h–15FFFFh
6
0
1
1
0
60000h–6FFFFh
160000h–16FFFFh
7
0
1
1
1
70000h–7FFFFh
170000h–17FFFFh
8
1
0
0
0
80000h–8FFFFh
180000h–18FFFFh
9
1
0
0
1
90000h–9FFFFh
190000h–19FFFFh
10
1
0
1
0
A0000h–AFFFFh
1A0000h–1AFFFFh
11
1
0
1
1
B0000h–BFFFFh
1B0000h–1BFFFFh
12
1
1
0
0
C0000h–CFFFFh
1C0000h–1CFFFFh
13
1
1
0
1
D0000h–DFFFFh
1D0000h–1DFFFFh
14
1
1
1
0
E0000h–EFFFFh
1E0000h–1EFFFFh
15
1
1
1
1
F0000h–FFFFFh
1F0000h–1FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com