Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 16Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 17Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 18Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 19Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 20Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 21Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 22Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 23Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
AmMCL00XA
PR EL IMIN A R Y
Table 11.
Hardware Sequence Flags
Notes:
1. Performing successive read operations from the erase-suspended sector will cause D2 to toggle.
2. Performing successive read operations from any address will cause D6 to toggle.
3. Reading the byte address being programmed while in the erase-suspend program mode will indicate logic “1” at the D2 bit.
However, successive reads from the erase-suspended sector will cause D2 to toggle.
BUSY# (RY/BY#—Ready/Busy)
The BUSY# signal indicates to the host the status of
operations within the Miniature Card. The BUSY#
signal is tied to the components’ RY/BY# pins.
The RY/BY# signal from AMD Flash devices in
the Miniature Card indicate that the Embedded Algo-
rithms are either in progress or have been completed.
If the output is low, the device is busy with either a
program or erase operation. If the output is high, the
device is ready to accept any read/write or erase op-
eration. When the RY/BY# pin is low, the device will
not accept any additional program or erase com-
mands with the exception of the Erase Suspend com-
mand. If a Flash device is placed in an Erase
Suspend mode, the RY/BY# output will be high. Refer
to the section “Sector Erase Suspend” for more infor-
mation.
WORD-WIDE PROGRAMMING
The Word-Wide Programming sequence will be as
usual per Table 5. The Program word command is
A0A0H. Each byte is independently programmed. For
example, if the high byte of the word indicates
the successful completion of programming via one of
its write status bits such as D15, software polling
should continue to monitor the low byte for write com-
pletion and data verification, or vice versa. During the
Embedded Programming operations the device exe-
cutes programming pulses in 9
µs increments.
WORD-WIDE SECTOR ERASING
The Word-Wide Sector Erasing of a memory device
pair is similar to word-wide programming. The erase
word command is a six-bus-cycle command sequence
(see Table 5). Each sector is independently erased and
verified. Word-wide erasure reduces total erase time
when compared to byte erasure. Each Flash memory
device in the card may erase at different rates. There-
fore, each device (byte) must be verified separately.
Status
D7
D6
D5
D3
D2
In Progress
Byte Program in Embedded Program Algorithm
D7
Toggle
0
0
1
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase Suspended Mode
Erase Suspend Read
(Erase Suspended Sector)
11
00
Toggle
(Note 1)
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Erase Suspend Program
(Non-Erase Suspended Sector)
D7
Toggle
(Note 2)
01
1
(Note 3)
Exceeded
Time Limits
Byte Program in Embedded Program Algorithm
D7
Toggle
1
0
1
Program/Erase in Embedded Erase Algorithm
0
Toggle
1
1
N/A
Erase Suspended Mode
Erase Suspend Program
(Non-Erase Suspended Sector)
D7
Toggle
1
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com