Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 18Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 19Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 20Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 21Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 22Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 23Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 24Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 25Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
AmMCL00XA
PR EL IMIN A R Y
DC CHARACTERISTICS
Notes:
1. VCC = 2.7 V to 3.6 V.
2. Supply current is a max RMS value. Read frequency = 5
MHz.
CONNECTOR DC SPECIFICATIONS
Notes:
1. This current is a minimum that the connector should withstand, and a maximum that the host should provide.
2. On the host, these specifications must be met for one conducting channel on elastomeric connectors.
CARD AND PAD CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
ILI
Input Leakage Current
VIN = VSS to VCC, VCC = VCC max
±5
µA
ILO
Output Leakage Current
VIN = VSS to VCC, VCC = VCC max
±5
µA
ICCS
VCC Standby Current
CEL#, CEH#, RESET# = VCC ± 0.3
V
VCC = 3.6V; VIN = VSS or VCC
2 Mbyte
30
µA
4 Mbyte
40
µA
ICC
VCC Supply Current, word
mode (Note 2)
RESET# = VIH; CEL# and CEH# =
VIL
Read
40
mA
Write
60
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOUT = 5.8 mA
0.45
V
VOH
Output High Voltage
IOUT = –2.0 mA
0.85 VCC
V
VLKO
Low VCC Lock-Out Voltage
2.3
2.5
V
Parameter
Min
Max
Units
Interface Signal Resistance (Note 2)
2.0
Ω
Interface Signal Current (Notes 1, 2)
125
mA
Power/Insertion Signal Resistance
0.060
Ω
Power/Insertion Signal Current (Note 1)
500
mA
Parameter Symbol
Parameter Description
Test Conditions
Max
Unit
CCARD
Card Input Capacitance
40
pF
CHOST
System Load Capacitance
120
pF
CI/O
I/O Capacitance D0-D15
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com