Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 25Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 26Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 27Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 28Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 29Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 30Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 31Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 32Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AmMCL00XA
29
PRELIMIN ARY
AIS MEMORY MAP
The AIS (Attribute Information Structure) is an area of
memory used for storing information about the config-
uration of the Miniature Card. The AIS is recommended
to be stored in the first sector of the first device of the
Flash array. As this area is not explicitly protected, the
AIS information must be reloaded onto the card in the
event that the information is erased.
The AIS has five unique information areas:
1. Identification Data: This data includes Manufacturer
information (Manufacturer and card name).
2. Compatibility Data: This data specifies basic infor-
mation about the card (memory size, access time,
memory type, power, etc.)
3. Burst Data (not applicable)
4. DRAM Data (not applicable)
5. Reserved Data: This data area is reserved for future use.
The AIS supports up to four different memory technol-
ogies on a card. Some of the information areas are
repeated in the memory map in order to specify dif-
ferent technologies (see Table 12). The Technology
Count field in the Identification Data section defines the
number of different technologies on a card. The first
memory technology is defined in the AIS memory map
from address 40H through 7FH. The second memory
technology is defined from 80H through BFH. The third
memory technology is defined from C0H to DFH. The
fourth memory technology is defined from E0H to FFH.
The AIS is stored as bytes within the 16-bit Miniature
Card data word. The even byte D0–D7 stores the AIS
data, and the odd byte D8–D15 is reserved by the card
manufacturer for manufacturing information.
Notes:
1. PA is address of the memory location to be programmed.
2. PD is data to be programmed at byte address.
3. D7 is the complement of the data written to the device.
4. DOUT is the data written to the device.
5. Figure indicates last two bus cycles of four bus cycle sequence.
6. These waveforms are for the x16 mode.
21138E-13
Figure 12.
Alternate CE# Controlled Write Operation Timings
tWH
tWS
OE#
CE#
WE#
VCC
tDS
Data
tAH
Addresses
tDH
tCP
PD
DQ7#
DOUT
tEHEH3_or_4
tWC
tAS
tCPH
tVCS
XXXXh
PA
PA
Data# Polling
A0h
tGHEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com