Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 26Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 27Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 28Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 29Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 30Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 31Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 32Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 33Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
AmMCL00XA
PR EL IMIN A R Y
Table 12.
Miniature Card AIS Memory Assignments
* For more information on PC Card Compatibility refer to table 13 or the Miniature Card PC Compatibility Guide.
Note: “Not applicable” indicates the address space does not apply to AMD Flash Miniature Cards, but is defined by MCIF.
Card Address
Section
Description
00h–0Fh
PC Card Compatibility Area*
Reserved for PC Card Tuples
10h–1Fh
Identification Data Identifies Card Type
20h–2Fh
Identification Data Identifies Card Type
30h–3Fh
Identification Data Identifies Card Type
40h–4Fh
Compatibility Data (Area 1)
Memory Technology #1
50h–5Fh
Burst Data (not applicable)
60h–6Fh
DRAM Data (not applicable)
70h–7Fh
Reserved for future use
80h–8Fh
Compatibility Data (not applicable)
(Memory Technology #2)
90h–9Fh
Burst Data (not applicable)
A0h–AFh
DRAM Data (not applicable)
B0h–BFh
Reserved for future use
C0h–CFh
Compatibility Data (not applicable)
(Memory Technology #3)
D0h–DFh
Reserved for future use
E0h–EFh
Compatibility Data (not applicable)
(Memory Technology #4)
F0h–FFh
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com