Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL004AWP Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AMMCL004AWP
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL004AWP Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AMMCL004AWP Datasheet HTML 17Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 18Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 19Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 20Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 21Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 22Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 23Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 24Page - Advanced Micro Devices AMMCL004AWP Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AmMCL00XA
21
PRELIMIN ARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . –40
°C to +90°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . . –40
°C to +85°C
Voltage at All Pins (Note 1) . . . . –0.5 V to VCC+0.5 V
VCC (Note 1) . . . . . . . . . . . . . . . . . . . . –0.5 V to 3.6 V
Output Short Circuit Current (Note 2) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During
voltage transitions, inputs may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on output
and I/O pins is VCC + 0.5 V. During voltage transitions,
outputs may overshoot to VCC + 2.0 V for periods up to
20ns.
2. No more than one output shorted at a time. Duration of
the short circuit should not be greater than one second.
Conditions equal VOUT = 0.5 V or 3.6 V, VCC = VCCmax.
These values are chosen to avoid test problems caused
by tester ground degradation. This parameter is sampled
and not 100% tested, but guaranteed by characterization.
3. Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the de-
vice at these or any other conditions above those indi-
cated in the operational sections of this specification is
not implied. Exposure of the device to absolute maximum
rating conditions for extended periods may affect device
reliability.
OPERATING RANGES
Commercial Devices
Case Temperature (TC). . . . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Case Temperature (TC). . . . . . . . . . . .–40°C to +85°C
VCC Supply Voltages
AmMCL00XAWP-150 . . . . . . . . . . . . +2.7 V to +3.6 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com