Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HVLED815PFTR Datasheet HTML 3Page - STMicroelectronics HVLED815PFTR Datasheet HTML 4Page - STMicroelectronics HVLED815PFTR Datasheet HTML 5Page - STMicroelectronics HVLED815PFTR Datasheet HTML 6Page - STMicroelectronics HVLED815PFTR Datasheet HTML 7Page - STMicroelectronics HVLED815PFTR Datasheet HTML 8Page - STMicroelectronics HVLED815PFTR Datasheet HTML 9Page - STMicroelectronics HVLED815PFTR Datasheet HTML 10Page - STMicroelectronics HVLED815PFTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
HVLED815PF
Pin description and connection diagrams
Doc ID 023409 Rev 4
7/36
2
Pin description and connection diagrams
Figure 4.
Pin connection (top view)
2.1
Pin description
N.A.
N.A.
N.A.
SOURCE
DRAIN
CS
GND
ILED
DMG
COMP
VCC
DRAIN
DRAIN
DRAIN
N.A.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N.C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DRAIN
DRAIN
DRAIN
DRAIN
AM13210v1
Table 2.
Pin description
N.
Name
Function
1
SOURCE
Source connection of the internal power section.
2CS
Current sense input.
Connect this pin to the SOURCE pin (through an R1 resistor) to sense the
current flowing in the MOSFET through an RSENSE resistor connected to GND.
The CS pin is also connected through dedicated ROS, RPF resistors to the input
and auxiliary voltage, in order to modulate the input current flowing in the
MOSFET according to the input voltage and therefore achieving a high power
factor. See dedicated section for more details.
The resulting voltage is compared with the voltage on the ILED pin to determine
MOSFET turn-off. The pin is equipped with 250 ns blanking time after the gate-
drive output goes high for improved noise immunity. If a second comparison level
located at 1 V is exceeded, the IC is stopped and restarted after VCC has
dropped below 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com