Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button HVLED815PFTR Datasheet HTML 26Page - STMicroelectronics HVLED815PFTR Datasheet HTML 27Page - STMicroelectronics HVLED815PFTR Datasheet HTML 28Page - STMicroelectronics HVLED815PFTR Datasheet HTML 29Page - STMicroelectronics HVLED815PFTR Datasheet HTML 30Page - STMicroelectronics HVLED815PFTR Datasheet HTML 31Page - STMicroelectronics HVLED815PFTR Datasheet HTML 32Page - STMicroelectronics HVLED815PFTR Datasheet HTML 33Page - STMicroelectronics HVLED815PFTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Device description
HVLED815PF
30/36
Doc ID 023409 Rev 4
Equation 24
where VCLED is internally defined (0.2 V typical - see Table 5: Electrical characteristics).
System design tips
Starting from the estimated value using the previous formulas, further fine-tuning on the real
led driver board could be necessary and it can be easily done considering that:
Decreasing/increasing the RPF resistor value, the power factor effect
increase/decrease
Decreasing/increasing the ROS resistor value, the line-regulation effect
increase/decrease
Decreasing/increasing the ROS resistor value, the RA+RB resistors value should
be increase/decrease to keep the desiderated voltage across the COS capacitor
(Equation
22).
Decreasing/increasing the RSENSE resistor value the average output current
increase/decrease (Equation
24).
4.12
Layout recommendations
A proper printed circuit board layout is essential for correct operation of any switch-mode
converter and this is true for the HVLED815PF as well. Careful component placing, correct
traces routing, appropriate traces widths and compliance with isolation distances are the
major issues.
In particular:
Current sense resistor (RSENSE) should be connected as close as possible to the
SOURCE pin, maintaining the trace for the GND as short as possible.
Resistor connected on CS pin (ROS, RPF, R1) should be connected as close as possible
to the pin.
Compensation network (RCOMP, CCOMP) should be connected as close as possible to
the COMP pin, maintaining the trace for the GND as short as possible.
Signal ground should be routed separately from power ground, as well from the sense
resistor trace.
DMG partition resistors (RDMG, RFB) should be connected as close as possible to the
DMG pin, minimizing the equivalent parasitic capacitor on DMG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com