Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button HVLED815PFTR Datasheet HTML 25Page - STMicroelectronics HVLED815PFTR Datasheet HTML 26Page - STMicroelectronics HVLED815PFTR Datasheet HTML 27Page - STMicroelectronics HVLED815PFTR Datasheet HTML 28Page - STMicroelectronics HVLED815PFTR Datasheet HTML 29Page - STMicroelectronics HVLED815PFTR Datasheet HTML 30Page - STMicroelectronics HVLED815PFTR Datasheet HTML 31Page - STMicroelectronics HVLED815PFTR Datasheet HTML 32Page - STMicroelectronics HVLED815PFTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
HVLED815PF
Device description
Doc ID 023409 Rev 4
29/36
Equation 18
Where VOS_TYP is the desired voltage across COS capacitor applying the VIN_TYP typical
input voltage (i.e. VIN_TYP=220 V for 176/264 Vac input range); Fsw is the switching
frequency and can be estimated using the following formula, where fT and fR are the
transition and resonant frequency respectively:
Equation 19
Equation 20
Equation 21
where CD is the total equivalent capacitor afferent at the drain node.
Based on the desired voltage across COS capacitor and calculated ROS resistor, then the
sum of RA and RB can then calculated as a results of partitioning divider:
Equation 22
Using the previous ROS resistor value the RPF resistor can be estimated using the following
formula:
Equation 23
Finally the current sense resistor RSENSE can be estimated in order to select the
desiderated average output current value:
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com