Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 3 Page - STMicroelectronics

  HVLED815PFTR Datasheet HTML 1Page - STMicroelectronics HVLED815PFTR Datasheet HTML 2Page - STMicroelectronics HVLED815PFTR Datasheet HTML 3Page - STMicroelectronics HVLED815PFTR Datasheet HTML 4Page - STMicroelectronics HVLED815PFTR Datasheet HTML 5Page - STMicroelectronics HVLED815PFTR Datasheet HTML 6Page - STMicroelectronics HVLED815PFTR Datasheet HTML 7Page - STMicroelectronics HVLED815PFTR Datasheet HTML 8Page - STMicroelectronics HVLED815PFTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
HVLED815PF
List of figures
Doc ID 023409 Rev 4
3/36
List of figures
Figure 1.
Application circuit for high power factor LED driver - single range input. . . . . . . . . . . . . . . . 4
Figure 2.
Application circuit for standard LED driver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
OFF-state drain and source current test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
COSS output capacitance variation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Startup current test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 8.
Quiescent current test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Operating supply current test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Quiescent current during fault test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Multi-mode operation of HVLED815PF (constant voltage operation) . . . . . . . . . . . . . . . . . 16
Figure 12.
High-voltage start-up generator: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 13.
Timing diagram: normal power-up and power-down sequences . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
DMG block, triggering block . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 15.
Drain ringing cycle skipping as the load is progressively reduced . . . . . . . . . . . . . . . . . . . 19
Figure 16.
Current control principle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 17.
Constant current operation: switching cycle waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 18.
Voltage control principle: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 19.
Feed-forward compensation: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 20.
Load-dependent operating modes: timing diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 21.
Hiccup-mode OCP: timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 22.
High power factor implementation connection - single range input . . . . . . . . . . . . . . . . . . 28
Figure 23.
Suggested routing for the led driver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 24.
SO16N mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 25.
SO16N drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 26.
SO16N recommended footprint (dimensions are in mm) . . . . . . . . . . . . . . . . . . . . . . . . . . 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com