Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button HVLED815PFTR Datasheet HTML 24Page - STMicroelectronics HVLED815PFTR Datasheet HTML 25Page - STMicroelectronics HVLED815PFTR Datasheet HTML 26Page - STMicroelectronics HVLED815PFTR Datasheet HTML 27Page - STMicroelectronics HVLED815PFTR Datasheet HTML 28Page - STMicroelectronics HVLED815PFTR Datasheet HTML 29Page - STMicroelectronics HVLED815PFTR Datasheet HTML 30Page - STMicroelectronics HVLED815PFTR Datasheet HTML 31Page - STMicroelectronics HVLED815PFTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Device description
HVLED815PF
28/36
Doc ID 023409 Rev 4
Figure 22.
High power factor implementation connection - single range input
The components selection flow starts from Rdmg resistor: this resistor has to be selected in
order to minimize the internal feed-forward effect.
The maximum selectable value is limited is by the minimum internal current circuitry IDMG
needed to guarantee the correct functionality of the internal circuitry:
Equation 16
where NAUX and NPRIM are the auxiliary and primary turn's number respectively and
VIN_MIN is the minimum rms input voltage of the application (i.e. 88 V for 110 Vac or 175 V
for 230 Vac range).
The RFB resistor defines the VOUT output voltage value in the open circuit condition (no-
load condition, i.e. no led on the output of led driver) and it can be selected using the
following relationship:
Equation 17
where NAUX and NSEC are the auxiliary and secondary turn's number respectively and VREF
is the internal reference voltage (VREF =2.51 V typ - see Table 5: Electrical characteristics).
The R1 resistor is typically selected in the range of 500 Ω -1.5 kΩ in order to minimize the
internal feed-forward effect and to minimize the power dissipation on the RA/RB resistor
offset circuitry.
The RA, RB, ROS resistors are selected to add a positive offset on CS pin in order to keep a
good line regulation over the input voltage range and cab be selected using the following
relationship:
AM13572v1
COS
.
DRAIN
SOURCE
IFF
Feedf orward
Logic1
CC
Rf f
Rsense
PWM
LOGIC2
DMG
CC
Block1
ROS
R1
RPF
RB
RA
VIN (after bridge diode)
CS
Aux
Rf b
Rdmg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com