Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button HVLED815PFTR Datasheet HTML 19Page - STMicroelectronics HVLED815PFTR Datasheet HTML 20Page - STMicroelectronics HVLED815PFTR Datasheet HTML 21Page - STMicroelectronics HVLED815PFTR Datasheet HTML 22Page - STMicroelectronics HVLED815PFTR Datasheet HTML 23Page - STMicroelectronics HVLED815PFTR Datasheet HTML 24Page - STMicroelectronics HVLED815PFTR Datasheet HTML 25Page - STMicroelectronics HVLED815PFTR Datasheet HTML 26Page - STMicroelectronics HVLED815PFTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
HVLED815PF
Device description
Doc ID 023409 Rev 4
23/36
Figure 18.
Voltage control principle: internal schematic
4.7
Voltage feed-forward block
The current control structure uses the VCLED voltage to define the output current, according
to equation
6 on Section 4.5. Actually, the constant current comparator will be affected by an
internal propagation delay TD, which will switch off the MOSFET with a peak current than
higher the foreseen value.
This current overshoot will be equal to:
Equation 8
The previous terms introduce a small error on the calculated average output current set-
point, depending on the input voltage.
The HVLED815PF implements a line feed-forward function, which solves the issue by
introducing an input voltage dependent offset on the current sense signal, in order to adjust
the cycle-by-cycle current limitation.
The internal schematic is shown in
Figure 19.
AM13568v1
Rdmg
Aux
Rf b
From CS pin
CV
To PWM Logic
R
C
COMP
DMG
S/H
DEMAG
LOGIC
EA
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com