Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PFTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # HVLED815PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PFTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HVLED815PFTR Datasheet HTML 6Page - STMicroelectronics HVLED815PFTR Datasheet HTML 7Page - STMicroelectronics HVLED815PFTR Datasheet HTML 8Page - STMicroelectronics HVLED815PFTR Datasheet HTML 9Page - STMicroelectronics HVLED815PFTR Datasheet HTML 10Page - STMicroelectronics HVLED815PFTR Datasheet HTML 11Page - STMicroelectronics HVLED815PFTR Datasheet HTML 12Page - STMicroelectronics HVLED815PFTR Datasheet HTML 13Page - STMicroelectronics HVLED815PFTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Electrical specifications
HVLED815PF
10/36
Doc ID 023409 Rev 4
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Table 4.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VDS
1, 13-16
Drain-to-source (ground) voltage
-1 to 800
V
ID
1, 13-16
Drain current (1)
1.
Limited by maximum temperature allowed.
1A
Eav
1, 13-16
Single pulse avalanche energy
(Tj = 25 °C, ID = 0.7 A)
50
mJ
VCC
3
Supply voltage (Icc < 25 mA)
Self limiting
V
IDMG
6
Zero current detector current
±2
mA
VCS
2
Current sense analog input
-0.3 to 3.6
V
Vcomp
7
Analog input
-0.3 to 3.6
V
Table 5.
Electrical characteristics(1) (2)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power section
V(BR)DSS
Drain-source breakdown
ID < 100 µA; Tj = 25 °C
800
V
IDSS
OFF-state drain current
VDS = 750 V; Tj = 125 °C
(3)See Figure 5
80
µA
RDS(on)
Drain-source ON-state
resistance
Id = 250 mA; Tj = 25 °C
6
7.4
Ω
Id = 250 mA; Tj = 125 °C
(3)
14.8
COSS
Effective (energy-related)
output capacitance
(3) See Figure 6
High-voltage startup generator
VSTART
Min. drain start voltage
Icharge < 100 µA
40
50
60
V
ICHARGE
VCC startup charge
current
VDRAIN > VStart;
VCC<VCCOn
Tj = 25 °C
45.5
7
mA
VDRAIN > VStart;
VCC<VCCOn
+/- 10%
VCC_RESTART
VCC restart voltage
(VCC falling)
(4)
9.5
10.5
11.5
V
After protection tripping
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com