Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 12 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HVLED815PF Datasheet HTML 8Page - STMicroelectronics HVLED815PF Datasheet HTML 9Page - STMicroelectronics HVLED815PF Datasheet HTML 10Page - STMicroelectronics HVLED815PF Datasheet HTML 11Page - STMicroelectronics HVLED815PF Datasheet HTML 12Page - STMicroelectronics HVLED815PF Datasheet HTML 13Page - STMicroelectronics HVLED815PF Datasheet HTML 14Page - STMicroelectronics HVLED815PF Datasheet HTML 15Page - STMicroelectronics HVLED815PF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Electrical specifications
HVLED815PF
12/36
Doc ID 023409 Rev 4
Figure 5.
OFF-state drain and source current test circuit
Note:
The measured IDSS is the sum between the current across the startup resistor and the
effective MOSFET’s OFF-state drain current.
ICOMP
Source current
VDMG = 2.3 V,
VCOMP = 1.65 V
70
100
µA
Sink current
VDMG = 2.7 V,
VCOMP = 1.65 V
400
750
µA
VCOMPH
Upper COMP voltage
VDMG = 2.3 V
2.7
V
VCOMPL
Lower COMP voltage
VDMG = 2.7 V
0.7
V
VCOMPBM
Burst-mode threshold
1
V
Hys
Burst-mode hysteresis
65
mV
Current reference
VILEDx
Maximum value
VCOMP = VCOMPL
1.5
1.6
1.7
V
VCLED
Current reference voltage
0.192
0.2
0.208
V
Current sense
tLEB
Leading-edge blanking
(5)
330
ns
TD
Delay-to-output (H-L)
90
200
ns
VCSx
Max. clamp value
(4) dVcs/dt = 200 mV/µs
0.7
0.75
0.8
V
VCSdis
Hiccup-mode OCP level
(4)
0.92
1
1.08
V
1.
VCC=14 V (unless otherwise specified).
2.
Limits are production tested at Tj=Ta=25 °C, and are guaranteed by statistical characterization in the range
Tj -25 to +125 °C.
3.
Not production tested, guaranteed statistical characterization only.
4.
Parameters tracking each other (in the same section).
5.
Guaranteed by design.
Table 5.
Electrical characteristics(1) (2) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
2.5V
COMP
SOURCE
DRAIN
VDD
+
-
CURRENT
CONTROL
ILED
GND
DMG
CS
Vin
750V
A
Idss
14V
AM13211v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com