Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 4 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 4 Page - STMicroelectronics

  HVLED815PF Datasheet HTML 1Page - STMicroelectronics HVLED815PF Datasheet HTML 2Page - STMicroelectronics HVLED815PF Datasheet HTML 3Page - STMicroelectronics HVLED815PF Datasheet HTML 4Page - STMicroelectronics HVLED815PF Datasheet HTML 5Page - STMicroelectronics HVLED815PF Datasheet HTML 6Page - STMicroelectronics HVLED815PF Datasheet HTML 7Page - STMicroelectronics HVLED815PF Datasheet HTML 8Page - STMicroelectronics HVLED815PF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1
Principle application circuit and block diagram
1.1
Principle application circuit
Figure 1.
Application circuit for high power factor LED driver - single range input
C12
Cout Bulk
CS
RPF
T1
TRANSFORMER
4
5
6
3
1
10
2
7
9
8
NA
Rdmg
R12
Minimum Load
D5
VIN
C_ILED (10uF)
Lf
Lf
Cf
Rf
RB
Rf
J1
CON1
VCC
J3
CON1
EMI FILTER
Rf b
Cf
CS
DMG
CS
J2
CON1
J4
CON1
F1
1A_DIP
D4
U1
HVLED8xxPF
SOURCE
1
ILED
5
CS
2
GND
4
DMG
6
VCC
3
COMP
7
N.A.
8
DRAIN
13
DRAIN
14
DRAIN
15
DRAIN
16
DMG
Cf (330nF-680nF)
Rf (8k-15k)
C_Vcc (10uF MIN)
Cp (1n-10nF)
O u tpout D i ode
C10
Y1 - SAFETY
Vout
VCC
220pF-1nF
RA
R1 (500 - 1.5k)
C13
Cout SMD
ROS
COS Filter (1uF)
Bridge Diode
2
1
D2
1N 4148
R-VCC (10-100ohm)
C_VCC (470nF)
VIN
Rsense
Rsense
Lin
AM13207v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com