Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 5 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 5 Page - STMicroelectronics

  HVLED815PF Datasheet HTML 1Page - STMicroelectronics HVLED815PF Datasheet HTML 2Page - STMicroelectronics HVLED815PF Datasheet HTML 3Page - STMicroelectronics HVLED815PF Datasheet HTML 4Page - STMicroelectronics HVLED815PF Datasheet HTML 5Page - STMicroelectronics HVLED815PF Datasheet HTML 6Page - STMicroelectronics HVLED815PF Datasheet HTML 7Page - STMicroelectronics HVLED815PF Datasheet HTML 8Page - STMicroelectronics HVLED815PF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Figure 2.
Application circuit for standard LED driver
C16
Cout Bulk
T2
TRANSFORMER
4
5
6
3
1
10
2
7
9
8
NA
Rdmg
R18
Minimum Load
C_ILED (10uF)
Lf
Lf
Cf
Rf
Rf
J5
CON1
VCC
J6
CON1
EMI FILTER
Rf b
Cf
DMG
J7
CON1
J8
CON1
F2
1A_DIP
U2
HVLED8xxPF
SOURCE
1
ILED
5
CS
2
GND
4
DMG
6
VCC
3
COMP
7
N.A.
8
DRAIN
13
DRAIN
14
DRAIN
15
DRAIN
16
DMG
Cf (330nF/680nF)
Rf (8.2k-15k)
C_Vcc (10uF)
Cp (1nF/10nF)
O u tp out D i ode1
C23
Y1 - SAFETY
Vout
VCC
C27
Cout SMD
Bridge Diode
2
1
D8
1N 4148
R-VCC (10ohm)
C_VCC (470nF)
VIN
Rsense
Rsense
AM13208v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com