Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 19 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button HVLED815PF Datasheet HTML 15Page - STMicroelectronics HVLED815PF Datasheet HTML 16Page - STMicroelectronics HVLED815PF Datasheet HTML 17Page - STMicroelectronics HVLED815PF Datasheet HTML 18Page - STMicroelectronics HVLED815PF Datasheet HTML 19Page - STMicroelectronics HVLED815PF Datasheet HTML 20Page - STMicroelectronics HVLED815PF Datasheet HTML 21Page - STMicroelectronics HVLED815PF Datasheet HTML 22Page - STMicroelectronics HVLED815PF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
HVLED815PF
Device description
Doc ID 023409 Rev 4
19/36
The triggering block is blanked after MOSFET's turn-off to prevent any negative-going edge
that follows leakage inductance demagnetization from triggering the DMG circuit
erroneously. This TBLANK blanking time is dependent on the voltage on COMP pin: it is
TBLANK=30 µs for VCOMP=0.9 V, and decreases almost linearly down to TBLANK=6 µs for
VCOMP=1.3 V.
The voltage on the pin is both top and bottom limited by a double clamp, as illustrated in the
internal diagram of the DMG block of
Figure 14. The upper clamp is typically located at 3.3
V, while the lower clamp is located at -60 mV. The interface between the pin and the
auxiliary winding will be a resistor divider. Its resistance ratio as well as the individual
resistance values will be properly chosen (see
Section 4.6, 4.7 and 4.11).
Please note that the maximum IDMG sunk/sourced current has to not exceed ±2 mA (AMR)
in all the Vin range conditions. No capacitor is allowed between DMG pin and the auxiliary
transformer.
The switching frequency is top-limited below 166 kHz, as the converter's operating
frequency tends to increase excessively at light load and high input voltage.
A Starter block is also used to start-up the system, that is, to turn on the MOSFET during
converter power-up, when no or a too small signal is available on the DMG pin. The starter
frequency is 2 kHz if COMP pin is below burst mode threshold, i.e. 1 V, while it becomes 8
kHz if this voltage exceed this value.
After the first few cycles initiated by the starter, as the voltage developed across the auxiliary
winding becomes large enough to arm the DMG circuit, MOSFET's turn-on will start to be
locked to transformer demagnetization, hence setting up QR operation. The starter is
activated also when the IC is in Constant Current regulation and the output voltage is not
high enough to allow the DMG triggering.
If the demagnetization completes - hence a negative-going edge appears on the DMG pin -
after a time exceeding time TBLANK from the previous turn-on, the MOSFET will be turned
on again, with some delay to ensure minimum voltage at turn-on. If, instead, the negative-
going edge appears before TBLANK has elapsed, it will be ignored and only the first negative-
going edge after TBLANK will turn-on the MOSFET. In this way one or more drain ringing
cycles will be skipped ("valley-skipping mode",
Figure 15) and the switching frequency will
be prevented from exceeding 1/TBLANK.
Figure 15.
Drain ringing cycle skipping as the load is progressively reduced
Note:
That when the system operates in valley skipping-mode, uneven switching cycles may be
observed under some line/load conditions, due to the fact that the OFF-time of the MOSFET
is allowed to change with discrete steps of one ringing cycle, while the OFF-time needed for
cycle-by-cycle energy balance may fall in between. Thus one or more longer switching
cycles will be compensated by one or more shorter cycles and vice versa. However, this
mechanism is absolutely normal and there is no appreciable effect on the performance of
the converter or on its output voltage.
AM13565v1
Pin = Pin'' < Pin'
Pin = Pin''' < Pin''
VDS
TFW
TON
VDS
VDS
TOSC
TOSC
TOSC
Pin = Pin'
(limit condition)
TW
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com