Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 20 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HVLED815PF Datasheet HTML 16Page - STMicroelectronics HVLED815PF Datasheet HTML 17Page - STMicroelectronics HVLED815PF Datasheet HTML 18Page - STMicroelectronics HVLED815PF Datasheet HTML 19Page - STMicroelectronics HVLED815PF Datasheet HTML 20Page - STMicroelectronics HVLED815PF Datasheet HTML 21Page - STMicroelectronics HVLED815PF Datasheet HTML 22Page - STMicroelectronics HVLED815PF Datasheet HTML 23Page - STMicroelectronics HVLED815PF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Device description
HVLED815PF
20/36
Doc ID 023409 Rev 4
4.5
Constant current operation
Figure 16 presents the principle used for controlling the average output current of the
flyback converter.
The voltage of the auxiliary winding is used by the demagnetization block to generate the
control signal for the internal MOSFET switch Q. A resistor R in series with it absorbs a
current equal to VILED/R, where VILED is the voltage developed across the capacitor CLED
capacitor.
The flip-flop's output is high as long as the transformer delivers current on secondary side.
This is shown in
Figure 17.
Figure 16.
Current control principle
Figure 17.
Constant current operation: switching cycle waveforms
AM13566v1
VILED
Icled
CC
S
R
Q
DMG
ILED
Q
R
.
Iref
CLED
DEMAG
LOGIC
Aux
Rf b
Rdmg
From CS pin
To PWM Logic
AM13567v1
IPRIM
t
IREF
ISEC
Q
ICLED
t
t
t
VILED/R
T
TONSEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com