Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 27 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button HVLED815PF Datasheet HTML 23Page - STMicroelectronics HVLED815PF Datasheet HTML 24Page - STMicroelectronics HVLED815PF Datasheet HTML 25Page - STMicroelectronics HVLED815PF Datasheet HTML 26Page - STMicroelectronics HVLED815PF Datasheet HTML 27Page - STMicroelectronics HVLED815PF Datasheet HTML 28Page - STMicroelectronics HVLED815PF Datasheet HTML 29Page - STMicroelectronics HVLED815PF Datasheet HTML 30Page - STMicroelectronics HVLED815PF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
HVLED815PF
Device description
Doc ID 023409 Rev 4
27/36
Ultimately, this will result in a low-frequency intermittent operation (hiccup-mode operation),
with very low stress on the power circuit. This special condition is illustrated in the timing
diagram of
Figure 21.
Figure 21.
Hiccup-mode OCP: timing diagram
4.11
High Power Factor implementation
Referring to the principle application schematic on
Figure 1, two contributions are added on
the CS pin in order to implement the high power factor capability (trough RPF resistor) and
keeping a good line-regulation (trough ROS resistor). The application schematic on Figure 1
is intended for a single range input voltage. For wide range application a different reference
schematic can be used; refer to the dedicated application note for further details.
Through the RPF resistor a contribution proportional to the input voltage is added on the CS
pin: as a consequence the input current is proportional to the input voltage during the line
period, implementing a high power factor correction. The contribution proportional to the
input voltage is generated using the auxiliary winding, as a consequence a diode in series to
the RPF resistor is needed.
Through the ROS resistor a positive contribution proportional to the average value of the
input voltage is added on the CS pin in order to keep a good line-regulation.
The voltage contribution proportional to the average value of the input voltage is generated
trough the low pass filter RA/RB resistor and COS capacitor. A diode in series to the RA/RB
resistor is suggested to avoid the discharge of COS capacitor in any condition.
The R1 resistor between CS and SOURCE pin is needed to add on the CS pin also the
contribution proportional the output current trough the RSENSE resistor.
AM13571v1
VDS
VccON
VccOFF
Vccrest
Secondary diode is shorted here
t
t
t
VCS
1 V
Two switching cycles
VCC
Vcsdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com