Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED815PF Datasheet(PDF) 14 Page - STMicroelectronics

Part # HVLED815PF
Description  Offline LED driver with primary-sensing and high power factor up to 15 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED815PF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HVLED815PF Datasheet HTML 10Page - STMicroelectronics HVLED815PF Datasheet HTML 11Page - STMicroelectronics HVLED815PF Datasheet HTML 12Page - STMicroelectronics HVLED815PF Datasheet HTML 13Page - STMicroelectronics HVLED815PF Datasheet HTML 14Page - STMicroelectronics HVLED815PF Datasheet HTML 15Page - STMicroelectronics HVLED815PF Datasheet HTML 16Page - STMicroelectronics HVLED815PF Datasheet HTML 17Page - STMicroelectronics HVLED815PF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Electrical specifications
HVLED815PF
14/36
Doc ID 023409 Rev 4
Figure 9.
Operating supply current test circuit
Note:
The circuit across the DMG pin is used for switch-on synchronization.
Figure 10.
Quiescent current during fault test circuit
15V
150V
A
Icc
-5V
10k
2.8V
5.6
2.5V
COMP
SOURCE
DRAIN
VDD
+
-
CURRENT
CONTROL
ILED
GND
DMG
CS
1.5K 2W
220k
27k
10k
50 kHz
10
AM13215v1
A
Iq(fault)
14V
2.5V
COMP
SOURCE
DRAIN
VDD
+
-
CURRENT
CONTROL
ILED
GND
DMG
CS
AM13216v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com