Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 2Page - STMicroelectronics STBB1PUR Datasheet HTML 3Page - STMicroelectronics STBB1PUR Datasheet HTML 4Page - STMicroelectronics STBB1PUR Datasheet HTML 5Page - STMicroelectronics STBB1PUR Datasheet HTML 6Page - STMicroelectronics STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics STBB1PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Typical application
STBB1XX
6/21
Doc ID 15474 Rev 5
4
Typical application
Figure 3.
Application circuit - adjustable output version
SW1
SW2
VIN
VINA
EN
MODE/SYN
GND
PGND
FB
VOUT
R1
R2
COUT
L
CIN
VOUT
VIN
STBB1PUR
SW1
SW2
VIN
VINA
EN
MODE/SYN
GND
PGND
FB
VOUT
R1
R2
COUT
L
CIN
VOUT
VIN
STBB1PUR
Figure 4.
Application circuit - fixed output version
SW1
SW2
VIN
VINA
EN
MODE/SYN
GND
PGND
FB
VOUT
COUT
L
CIN
VOUT
VIN
STBB1PUR33
SW1
SW2
VIN
VINA
EN
MODE/SYN
GND
PGND
FB
VOUT
COUT
L
CIN
VOUT
VIN
STBB1PUR33
Table 5.
List of external components (1)
Component
Manufacturer
Part number
Value
Size
CIN
Murata
GRM188R60J106ME47D
10 µF
0603
COUT
Murata
GRM188R60J106ME47D
10 µF
0603
L
TDK
VLCF4020T-2R2N1R7
2.2 µH
4 x 4 x 2 mm
R1
560 k
Ω (V
O = 3.3 V)
(2)
0402
R2
100 k
Ω
0402
1.
Above listed components refer to typical application. Operation of the STBB1 is not limited to the choice of these external
components.
2.
R1 and R2 are calculated according to the following formula:
R1 = R2 x (VOUT/VFB - 1)
Suggested value for R2 is 100 k
Ω. In order to reduce the quiescent current a maximum value of 500 kΩ is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com