Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 4 Page - STMicroelectronics

  STBB1PUR Datasheet HTML 1Page - STMicroelectronics STBB1PUR Datasheet HTML 2Page - STMicroelectronics STBB1PUR Datasheet HTML 3Page - STMicroelectronics STBB1PUR Datasheet HTML 4Page - STMicroelectronics STBB1PUR Datasheet HTML 5Page - STMicroelectronics STBB1PUR Datasheet HTML 6Page - STMicroelectronics STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute maximum ratings
STBB1XX
4/21
Doc ID 15474 Rev 5
2
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VIN
Input voltage
- 0.3 to 7
V
VOUT
Output voltage
- 0.3 to 7
V
SW1, SW2
DC voltage
- 0.3 to 7
V
FB
DC voltage
- 0.3 to 1.5
V
MOD/SYNC, EN
DC voltage
- 0.3 to 7
V
TJ
Maximum junction temperature
150
°C
TSTG
Storage temperature range
- 65 to + 150
°C
TJOP
Operating junction temperature range
- 40 to + 85
°C
ESD
Human body model
2
kV
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2.96
°C/W
RthJA
Thermal resistance junction-ambient
30.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com