Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 9Page - STMicroelectronics STBB1PUR Datasheet HTML 10Page - STMicroelectronics STBB1PUR Datasheet HTML 11Page - STMicroelectronics STBB1PUR Datasheet HTML 12Page - STMicroelectronics STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics STBB1PUR Datasheet HTML 15Page - STMicroelectronics STBB1PUR Datasheet HTML 16Page - STMicroelectronics STBB1PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STBB1XX
Application information
Doc ID 15474 Rev 5
13/21
8
Application information
8.1
Programming the output voltage
The STBB1 is available in two versions: fixed output voltage (STBB1PURXX) and adjustable
output voltage (STBB1PUR).
In the first case the device integrates the resistor divider needed to set the correct output
voltage. This allows the saving of 2 external components. The FB pin must be connected
directly to VOUT.
For the adjustable version, the resistor divider must be connected between VOUT and GND
and the middle point of the divider must be connected to FB as shown in Figure 3.
Equation 1
A suggested value for R2 is 100 k
Ω. To reduce the power consumption a maximum value of
500 k
Ω can be used.
8.2
Inductor selection
The inductor is the key passive component for switching converters. With a buck-boost
device, the inductor selection must take into consideration the boundary conditions in which
the converter works, as buck at the maximum input voltage and as a boost at the minimum
input voltage.
Two critical inductance values are then obtained according to the following formulas:
Equation 2
Equation 3
where:
fs: minimum switching frequency
ΔI
L = the peak-to-peak inductor ripple current. As a rule of thumb, the peak-to-peak ripple
can be set at 10 % - 20 % of the output current.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
1
V
V
2
R
1
R
FB
OUT
L
MAX
MAX
BUCK
MIN
I
fs
VIN
)
VOUT
VIN
(
VOUT
L
Δ
×
×
−
×
=
−
L
MIN
MIN
BOOST
MIN
I
fs
VOUT
)
VIN
VOUT
(
VIN
L
Δ
×
×
−
×
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com