Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics STBB1PUR Datasheet HTML 15Page - STMicroelectronics STBB1PUR Datasheet HTML 16Page - STMicroelectronics STBB1PUR Datasheet HTML 17Page - STMicroelectronics STBB1PUR Datasheet HTML 18Page - STMicroelectronics STBB1PUR Datasheet HTML 19Page - STMicroelectronics STBB1PUR Datasheet HTML 20Page - STMicroelectronics STBB1PUR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
STBB1XX
Package mechanical data
Doc ID 15474 Rev 5
17/21
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.55
0.65
0.80
21.7
25.6
31.5
A3
0.20
7.9
b
0.18
0.25
0.307.1
9.8
11.8
D2.85
3.00
3.15
112.2
118.1
124.0
D2
2.20
86.6
E2.85
3.00
3.15
112.2
118.1
124.0
E2
1.40
1.75
55.1
68.9
e
0.50
19.7
L0.30
0.40
0.50
11.8
15.7
19.7
ddd
0.083.1
DFN10 (3x3 mm) mechanical data
7426335F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com