Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics STBB1PUR Datasheet HTML 15Page - STMicroelectronics STBB1PUR Datasheet HTML 16Page - STMicroelectronics STBB1PUR Datasheet HTML 17Page - STMicroelectronics STBB1PUR Datasheet HTML 18Page - STMicroelectronics STBB1PUR Datasheet HTML 19Page - STMicroelectronics STBB1PUR Datasheet HTML 20Page - STMicroelectronics STBB1PUR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
STBB1XX
Different output voltage versions of the STBB1 available on request
Doc ID 15474 Rev 5
19/21
11
Different output voltage versions of the STBB1
available on request
Table 7.
Options available on request
Order codes
Marking
Output voltages
STBB1PUR18
BB1 18
1.8 V
STBB1PUR25
BB1 25
2.5 V
STBB1PUR28
BB1 28
2.8 V
STBB1PUR33
BB1 33
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com