Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 1 Page - STMicroelectronics

  STBB1PUR Datasheet HTML 1Page - STMicroelectronics STBB1PUR Datasheet HTML 2Page - STMicroelectronics STBB1PUR Datasheet HTML 3Page - STMicroelectronics STBB1PUR Datasheet HTML 4Page - STMicroelectronics STBB1PUR Datasheet HTML 5Page - STMicroelectronics STBB1PUR Datasheet HTML 6Page - STMicroelectronics STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
September 2010
Doc ID 15474 Rev 5
1/21
21
STBB1XX
1 A, high efficiency single inductor
dual mode buck-boost DC-DC converter
Features
■ Buck-boost DC-DC converter
■ Operating input voltage range from 2.0 V to 5.5
V
■ 2% DC feedback voltage tolerance
■ Synchronous rectification
■ Shutdown function
■ 1.5 MHz switching frequency
■ Power save mode at light load
■ Typical efficiency: > 94 %
■ 1 A output current capability
■ Shutdown current < 1 µA
■ Available in DFN10 (3 x 3 mm)
Applications
■ Single cell Li-Ion and 3 cells alkaline, Ni-MH
powered devices
■ SD/MMC memory card supply
■ Palmtop computers
■ Cell phones
■ Digital cameras
Description
The STBB1 is a fixed frequency, high efficiency,
buck-boost DC-DC converter able to provide
output voltages ranging from 1.2 V to 5.5 V and
input voltages from 2.0 V to 5.5 V. The device can
operate with input voltages higher than, equal to,
or lower than the output voltage making the
product suitable for single lithium-Ion, multicell
alkaline or NiMH applications where the output
voltage is within the battery voltage range. The
integrated low-RDSon N-channel and P-channel
MOSFET switches contribute to its high efficiency.
The MODE pin allows selecting between auto
mode and forced PWM mode thus taking benefit
either of lower power consumption or best
dynamic performance. The device includes also
soft-start control, thermal shutdown and current
limit. The STBB1 is packaged in DFN10 (3 x 3
mm).
DFN10 (3 x 3 mm)
Table 1.
Device summary
Order code
Marking
Output voltage
STBB1PUR
BB1
ADJ
www.st.com


Similar Part No. - STBB1PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
More results

Similar Description - STBB1PUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
SeCoS Halbleitertechnol...
HER101 SECOS-HER101_15 Datasheet
150Kb / 2P
1 A, High Efficiency Rectifiers
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
2 A, high efficiency single inductor buck-boost DC-DC converter
10-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com