Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB1PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 5 Page - STMicroelectronics

  STBB1PUR Datasheet HTML 1Page - STMicroelectronics STBB1PUR Datasheet HTML 2Page - STMicroelectronics STBB1PUR Datasheet HTML 3Page - STMicroelectronics STBB1PUR Datasheet HTML 4Page - STMicroelectronics STBB1PUR Datasheet HTML 5Page - STMicroelectronics STBB1PUR Datasheet HTML 6Page - STMicroelectronics STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STBB1XX
Pin configuration
Doc ID 15474 Rev 5
5/21
3
Pin configuration
Figure 2.
Pin connections (top through view)
Table 4.
Pin description
Pin n°
Symbol
Name and function
1
VOUT
Output voltage
2SW2
Switch pin - Internal switches are connected to this pin. Connect inductor
between SW1 to SW2
3
PGND
Power ground
4SW1
Switch pin - Internal switches are connected to this pin. Connect inductor
between SW1 and SW2
5VIN
Power input voltage. Connect a ceramic bypass capacitor (10 µF minimum)
between this pin and PGND
6EN
Enable pin. Connect this pin to GND or a voltage lower than 0.4 V to shut down
the IC. A voltage higher than 1.2 V is required to enable the IC.
7
MODE
(SYNC)
Operation mode selection.
If MODE pin is low, the STBB1 automatically switches between pulse skipping
and fixed frequency PWM according to the load level.
If MODE pin is pulled high, the STBB1 works always in PWM mode.
When a square waveform is applied, this pin provides the clock signal for
oscillator synchronization
8
VINA
Supply voltage for control stage
9
GND
Signal ground
10
FB
Feedback voltage
Exposed pad
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com