Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 4Page - Texas Instruments TPS2541ARTET Datasheet HTML 5Page - Texas Instruments TPS2541ARTET Datasheet HTML 6Page - Texas Instruments TPS2541ARTET Datasheet HTML 7Page - Texas Instruments TPS2541ARTET Datasheet HTML 8Page - Texas Instruments TPS2541ARTET Datasheet HTML 9Page - Texas Instruments TPS2541ARTET Datasheet HTML 10Page - Texas Instruments TPS2541ARTET Datasheet HTML 11Page - Texas Instruments TPS2541ARTET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
15
16
1
2
IN
DM_OUT
3
4
DP_OUT
ILIM_SEL
13
14
6
5
8
12
11
10
9
DM_IN
DP_IN
N/C
OUT
Exposed
Thermal Die
TPS2540/TPS2540A
RTE Package
(Top View)
7
15
16
1
2
IN
DM_OUT
3
4
DP_OUT
ILIM_SEL
13
14
6
5
8
12
11
10
9
DM_IN
DP_IN
N/C
OUT
Exposed
Thermal Die
TPS2541/TPS2541A
RTE Package
(Top View)
7
UDG-10126
VBUS
D-
D+
GND
11
10
10 kW
10 kW
Divider Mode
2.7 V
2 V
Auto
Detect/
CTL
CDP
Detect
125 W
DCP
Shorted
Mode
3
2
To Host
Controller
CDP/SDP
CDP/SDP
8
7
6
CTL1
CTL2
CTL3
DP_IN
DM_IN
DP_OUT
DM_OUT
USB
Conector
VBUS
To Host
Controller
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
DEVICE INFORMATION
TPS2540, TPS2540A, TPS2541 and TPS2541A
Detection Block Diagram
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com