Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 12Page - Texas Instruments TPS2541ARTET Datasheet HTML 13Page - Texas Instruments TPS2541ARTET Datasheet HTML 14Page - Texas Instruments TPS2541ARTET Datasheet HTML 15Page - Texas Instruments TPS2541ARTET Datasheet HTML 16Page - Texas Instruments TPS2541ARTET Datasheet HTML 17Page - Texas Instruments TPS2541ARTET Datasheet HTML 18Page - Texas Instruments TPS2541ARTET Datasheet HTML 19Page - Texas Instruments TPS2541ARTET Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
348ps/div.
348ps/div.
OUT (2 V/div.)
IN (2 V/div.)
I_IN (0.5 A/div.)
0.2 s/div
OUT (2 V/div.)
IN (2 V/div.)
I_IN (0.5 A/div.)
10 ms/div
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EYE DIAGRAM OF NEARLY IDEAL PULSE
EYE DIAGRAM OF NEARLY IDEAL PULSE
(with no switch)
(with data switch)
Figure 20.
Figure 21.
TURN ON INTO A SHORT CIRCUIT
TURN ON INTO A SHORT CIRCUIT
Figure 22.
Figure 23.
16
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com