Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 1 Page - Texas Instruments

  TPS2541ARTET Datasheet HTML 1Page - Texas Instruments TPS2541ARTET Datasheet HTML 2Page - Texas Instruments TPS2541ARTET Datasheet HTML 3Page - Texas Instruments TPS2541ARTET Datasheet HTML 4Page - Texas Instruments TPS2541ARTET Datasheet HTML 5Page - Texas Instruments TPS2541ARTET Datasheet HTML 6Page - Texas Instruments TPS2541ARTET Datasheet HTML 7Page - Texas Instruments TPS2541ARTET Datasheet HTML 8Page - Texas Instruments TPS2541ARTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
15
16
1
2
IN
DM_OUT
3
4
DP_OUT
ILIM_SEL
13
14
6
5
8
12
11
10
9
DM_IN
DP_IN
N/C
OUT
Exposed
Thermal Die
TPS2540/40A/41/41A
RTE Package
(Top View)
7
1
IN
0.1 mF
13 FAULT
RFAULT
10 kW
FAULT Signal
4.5 V to 5.5 V
4
ILIM_SEL
ILIM Select
6
CTL1
5
EN/DSC
7
CTL2
8
CTL3
10
11
2
3
DP_IN
DM_IN
DM_OUT
DP_OUT
12
OUT
16
ILIM0
15
ILIM1
14
GND
2x
RILIM
TPS2540/40A/41/41A
Power Switch EN
Mode Select I/O
Mode Select I/O
Mode Select I/O
To Host Controller
UDG-10116
VBUS
D-
D+
GND
CUSB
To Peripheral
To System Bus
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
USB Charging Port Power Switch and Controller
Check for Samples: TPS2540, TPS2540A, TPS2541, TPS2541A
1
FEATURES
DESCRIPTION
The
TPS2540/40A
and
TPS2541/41A
are
a
2
•
Meets Battery Charging Specification BC1.2
combination of current-limited USB port power switch
for DCP and CDP
with a USB 2.0 high-speed data line (D+/D-) switch
•
Meets Chinese Telecommunications Industry
and
a
USB
charging
port
identification
circuit.
Standard YD/T 1591-2009
Applications
include
notebook
PCs
and
other
intelligent USB host devices. The wide bandwidth (2.6
•
Supports Sleep-Mode Charging for Most
GHz) data-line switch also features low capacitance
Available Apple® Devices and/or BC1.2
and low on resistance, allowing signals to pass with
Compliant Devices
minimum
edge
and
phase
distortion.
The
•
Compatible With USB 2.0 and 3.0 Power
TPS2540/40A/41/41A monitors D+ and D-, providing
Switch Requirements
the correct hand-shaking protocol with compliant
•
2.6-GHz Bandwidth USB 2.0 Data Switch
client devices.
•
73-m
Ω (typ.) High-Side MOSFET
The TPS2540/40A/41/41A supports the following
charging logic schemes:
•
Adjustable Current Limit up to 2.8 A (typical)
•
USB 2.0 BC1.2
•
OUT Discharge Through CTLx=000
(TPS2540/40A) or DSC (TPS2541/41A) Input
•
Chinese Telecom Standard YD/T 1591-2009
•
Divider Mode, compliant with Apple devices such
•
Longer Detach Detection Time (TPS2540A/41A)
as iPod® and iPhone®
Supporting Additional Legacy Devices
•
Available in 16-Pin QFN Package
CTL1-CTL3 logic inputs are used to select one of the
various charge modes provided by the TPS2540/40A
and TPS2541/41A. These charge modes allow the
APPLICATIONS
host device to actively select between Dedicated
•
USB Ports/Hubs
Charging
Port
(DCP)
(wall-adapter
emulation),
•
Notebook PCs
Charging Downstream Port (CDP) (active USB 2.0
data
communications
with
1.5-A
support),
or
•
Universal Wall Charging Adapter
Standard Downstream Port (SDP) USB 2.0 Mode
(active USB 2.0 data communications with 500-mA
support). The TPS2540/40A/41/41A also integrates
an auto-detect feature that supports both DCP
schemes for Battery Charging Specification (BC1.2)
and the Divider Mode without the need for outside
user interaction.
TPS2540/40A/41/41A RTE Package and Typical Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Apple, iPod, iPhone are registered trademarks of Apple Inc.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2541ARTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2541ARTET TI2-TPS2541ARTET Datasheet
1Mb / 41P
USB Charging Port Power Switch and Controller
REVISED OCTOBER 2011
TPS2541ARTET.A TI2-TPS2541ARTET.A Datasheet
1Mb / 41P
USB Charging Port Power Switch and Controller
REVISED OCTOBER 2011
More results

Similar Description - TPS2541ARTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
USB Charging Port Controller and Power Switch
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
USB Charging Port Controller and Detection Power Switch
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
USB Charging Port Power Switch and Controller
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
USB Charging Port Power Switch and Controller
February 8, 2022
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com