Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 21Page - Texas Instruments TPS2541ARTET Datasheet HTML 22Page - Texas Instruments TPS2541ARTET Datasheet HTML 23Page - Texas Instruments TPS2541ARTET Datasheet HTML 24Page - Texas Instruments TPS2541ARTET Datasheet HTML 25Page - Texas Instruments TPS2541ARTET Datasheet HTML 26Page - Texas Instruments TPS2541ARTET Datasheet HTML 27Page - Texas Instruments TPS2541ARTET Datasheet HTML 28Page - Texas Instruments TPS2541ARTET Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
Standard Downstream Port (SDP) USB 2.0
An SDP is a traditional USB port that follows USB 2.0 and supplies a minimum of 500 mA per port. USB 2.0
communications is supported, and the host controller must be active to allow charging.
Charging Downstream Port (CDP)
A CDP is a USB port that follows USB 2.0 BC1.2 and supplies a minimum of 1.5 A per port. It provides power
and meets USB 2.0 requirements for device enumeration. USB 2.0 communications is supported, and the host
controller must be active to allow charging. What separates a CDP from an SDP is the host-charge handshaking
logic that identifies this port as a CDP. A CDP is identifiable by a compliant BC1.2 client device and allows for
additional current draw by the client device.
The CDP hand-shaking process is two steps. During step one the portable equipment outputs a nominal 0.6 V
output on its D+ line and reads the voltage input on its D- line. The portable device concludes it is connected to
an SDP if the voltage is less than the nominal data detect voltage of 0.3 V. The portable device concludes that it
is connected to a Charging Port if the D- voltage is greater than the nominal data detect voltage of 0.3V and less
than 0.8 V.
The second step is necessary for portable equipment to determine between a CDP and a DCP. The portable
device outputs a nominal 0.6 V output on its D- line and reads the voltage input on its D+ line. The portable
device concludes it is connected to a CDP if the data line being read remains less than the nominal data detect
voltage of 0.3 V. The portable device concludes it is connected to a DCP if the data line being read is greater
than the nominal data detect voltage of 0.3V and less than 0.8 V.
Dedicated Charging Port (DCP)
A DCP is a special type of wall-adapter used in charging applications that uses a micro-B connector to connect
to portable devices. A DCP only provides power and cannot enumerate upstream facing portable equipment. It
does not support USB 2.0 communications, but it does provide specific impedances on the data lines reserved
for USB 2.0 so that it is identifiable as a dedicated charger.
The impedances presented on D+ and D- are different depending on the specific standard the dedicated charger
is designed to. BC1.2 and the Chinese Telecommunications Industry Standard YD/T 1591-2009 define that the
D+ and D- data lines should be shorted together with a maximum series impedance of 200
Ω.
On the other hand, with the divider mode, 2 V and 2.7 V are presented on D+ and on D-.
The TPS2540/40A/41/41A integrates an auto-detect feature that supports both DCP schemes. It starts in Divider
Mode. If a BC1.2 -compliant device is attached, the TPS2540/40A/41/41A responds by discharging OUT, turning
back ON the power switch and operating in BC1.2 DCP mode. It then stays in that mode until the device is
unattached, in which case it goes back to Divider Mode.
High-Bandwidth Data Line Switch
The TPS2540/40A/41/41A passes the D+ and D- data lines through the device to enable monitoring and
handshaking while supporting charging operation. A wide bandwidth signal switch is used, allowing data to pass
through the device without corrupting signal integrity. The data line switches are turned on in any of CDP or SDP
operating modes. The EN (or DSC if TPS2541/41A) input also needs to be at logic High for the data line
switches to be enabled.
NOTE
1. While in CDP mode, the data switches are ON even while CDP handshaking is occurring.
2. The data line switches are OFF if EN (or DSC) is low, or if in DCP mode (BC1.2, Divider mode
or Auto-detect). They are not automatically turned off if the power switch (IN to OUT) is doing
current limiting. With TPS2540/40A, the data line switches are also off when in
“000” mode.
3. The data switches are for USB 2.0 differential pair only. In the case of a USB 3.0 host, the
super speed differential pairs must be routed directly to the USB connector without passing
through the TPS2540/40A/41/41A.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com