Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 24Page - Texas Instruments TPS2541ARTET Datasheet HTML 25Page - Texas Instruments TPS2541ARTET Datasheet HTML 26Page - Texas Instruments TPS2541ARTET Datasheet HTML 27Page - Texas Instruments TPS2541ARTET Datasheet HTML 28Page - Texas Instruments TPS2541ARTET Datasheet HTML 29Page - Texas Instruments TPS2541ARTET Datasheet HTML 30Page - Texas Instruments TPS2541ARTET Datasheet HTML 31Page - Texas Instruments TPS2541ARTET Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
SHORT _ min
1.037
ILIMx
48000
I
R
=
SHORT _ max
0.962
ILIMx
48000
I
R
=
0
750
3000
3250
1250
2000
0
20
40
120 140
180 200
R
ILIM - Current Limit Resistance - kW
100
80
220
2750
2500
2250
1750
1500
1000
500
250
160
60
I
SHORT_min
I
SHORT_max
500
1250
1750
2500
10
15
20
35
40
50
55
R
ILIM - Current Limit Resistance - kW
30
60
3250
3000
2750
2250
2000
1500
1000
750
45
25
I
SHORT_min
I
SHORT_max
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
APPLICATION INFORMATION
Programming the Current Limit Threshold
There
are
two
overcurrent
thresholds,
which
are
user
programmable
via
RILIM0 and RILIM1. The
TPS2540/40A/41/41A uses an internal regulation loop to provide a regulated voltage on the ILIM0 and ILIM1
pins. The current-limit thresholds are proportional to the current sourced out of ILIM0 and ILIM1. The
recommended 1% resistor range for RILIM0 and RILIM1 are 16.9 kΩ ≤ RILIM ≤ 750 kΩ to ensure stability of the
internal regulation loop, although not exceeding 210 k
Ω results in a better accuracy. Many applications require
that the minimum current limit is above a certain current level or that the maximum current limit is below a certain
current level, so it is important to consider the tolerance of the overcurrent threshold when selecting a value for
RILIMx. The following equations calculates the resulting overcurrent threshold for a given external resistor value
(RILIMx). The traces routing the RILIMx resistors to the TPS2540/40A/41/41A should be as short as possible to
reduce parasitic effects on the current-limit accuracy.
The equations and the graph below can be used to estimate the minimum and maximum variation of the current
limit threshold for a predefined resistor value. This variation is an approximation only and does not take into
account the resistor tolerance or the variation of ILIM. For exact variation of ILIM, refer to the current limit section
of the electrical specification table.
(4)
(5)
Current Limit Threshold
Current Limit Threshold
vs
vs
Current Limit Resistance
Current Limit Resistance
Figure 40.
Figure 41.
28
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com