Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 8Page - Texas Instruments TPS2541ARTET Datasheet HTML 9Page - Texas Instruments TPS2541ARTET Datasheet HTML 10Page - Texas Instruments TPS2541ARTET Datasheet HTML 11Page - Texas Instruments TPS2541ARTET Datasheet HTML 12Page - Texas Instruments TPS2541ARTET Datasheet HTML 13Page - Texas Instruments TPS2541ARTET Datasheet HTML 14Page - Texas Instruments TPS2541ARTET Datasheet HTML 15Page - Texas Instruments TPS2541ARTET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
100
110
130
140
150
40
20
120
140
0
20
60
140 160 180
220
R
ILIM - Current Limit Resistance - kW
0
500
2000
2500
3000
100
80
1000
240
1500
200
120
40
T
J = 25°C
0
500
2000
2500
1000
1500
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
R
ILIM = 210 kW
R
ILIM = 100 kW
R
ILIM = 20 kW
50
60
90
100
70
80
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
55
65
95
75
85
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT - CDP or DIVIDER MODE
CURRENT LIMIT
vs
vs
TEMPERATURE
CURRENT LIMIT RESISTANCE
Figure 5.
Figure 6.
CURRENT LIMIT
POWER SWITCH ON-RESISTANCE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
12
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com