Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2541ARTET Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 19Page - Texas Instruments TPS2541ARTET Datasheet HTML 20Page - Texas Instruments TPS2541ARTET Datasheet HTML 21Page - Texas Instruments TPS2541ARTET Datasheet HTML 22Page - Texas Instruments TPS2541ARTET Datasheet HTML 23Page - Texas Instruments TPS2541ARTET Datasheet HTML 24Page - Texas Instruments TPS2541ARTET Datasheet HTML 25Page - Texas Instruments TPS2541ARTET Datasheet HTML 26Page - Texas Instruments TPS2541ARTET Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
2
14
3
11
10
1
DP_IN
DM_IN
DM_OUT
DP_OUT
IN
GND
5 V
+
I
OUT
UDG-10124
DP _ IN
DP _ OUT
HS _ ON
OUT
V
V
R
I
-
=
DM _ IN
DM _ OUT
HS _ ON
OUT
V
V
R
I
-
=
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
SDP Mode
Figure 39. On Resistance DP/DM High-Speed Switch (RHS_ON)
(1)
(2)
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com