Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 7 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 7 Page - ams AG

Back Button AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com
Revision 1.8
6 - 19
AS1364
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VIN = VOUT(NOM) + 0.5V, CIN = COUT = 4.7µF, TAMB = 25°C (unless otherwise specified).
Figure 3. VDROP vs. IOUT
Figure 4. VOUT vs. IOUT; VOUT(NOM) = 3.3V
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
Load Current (mA)
3.3
3.301
3.302
3.303
3.304
3.305
3.306
3.307
3.308
3.309
3.31
0
200
400
600
800
1000
Output Current (mA)
Figure 5. VOUT vs. Temperature; VOUT(NOM) = 3.3V
Figure 6. VOUT vs. VIN; VOUT(NOM) = 3.3V
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
-45 -30 -15
0
15 30
45
60 75
90
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
012
3456
Input Voltage (V)
no load
Iout = 1A
Figure 7. Quiescent Current vs. VIN
Figure 8. Quiescent Current vs. IOUT
0
20
40
60
80
100
120
140
160
180
01
2
3
4
56
Input Voltage (V)
no load
Iout = 1A
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000
Output Current (mA)
Vin = 3.8V
Vin = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com