Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 10 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 10 Page - ams AG

Back Button AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG AS1364 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AS1364
Datasheet - Detailed Descr i pti on
www.austriamicrosystems.com
Revision 1.8
9 - 19
8 Detailed Description
The AS1364 output voltage is factory-trimmed or is adjustable from +1.2V to +5V, and is guaranteed to supply 1A of output current. The device
consists of a +1.20V internal reference, error amplifier, MOSFET driver, P-channel pass transistor, internal feedback voltage-divider and a
comparator (see Figure 16).
Figure 16. AS1364 - Block Diagram
Figure 16 shows the block diagram of the AS1364. It identifies the basics of a series linear regulator employing a P-Channel MOSFET as the
control element. A stable voltage reference (1.2V REF in Figure 16) is compared with an attenuated sample of the output voltage. Any difference
between the two voltages (reference and sample) creates an output from the error amplifier that drives the series control element to reduce the
difference to a minimum. The error amplifier incorporates additional buffering to drive the relatively large gate capacitance of the series pass P-
channel MOSFET, when additional drive current is required under transient conditions. Input supply variations are absorbed by the series
element, and output voltage variations with loading are absorbed by the low output impedance of the regulator.
When in shutdown, a 5k
 discharge path is connected between the output terminal and ground.
1
AS1364
+
–
+
–
94%VREF
+
–
100mV
+
–
R1
COUT
4.7µF
5k
R2
+
–
RPOK
100k
4
IN
6
OUT
2
EN
POK
7
SET/BYP
8
GND
CIN
4.7µF
Shutdown
Logic
MOSFET
Driver
w/ILIM
Thermal
Sensor
VIN
2.0V to 5.5V
VOUT
Logic Supply Voltage
To Controller
Error
Amplifier
On
Off
1.20V
Reference
VOUT
1.2V to 5.0V
3
IN
5
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com