Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 11 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 11 Page - ams AG

Back Button AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG AS1364 Datasheet HTML 14Page - ams AG AS1364 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AS1364
Datasheet - Detailed Descr i pti on
www.austriamicrosystems.com
Revision 1.8
10 - 19
8.1 Output Voltage Selection
At the factory trimmed versions of the AS1364 offering the bypass pin (see Figure ), the output voltage is then set to an internally trimmed voltage
(see Ordering Information on page 18).
For the adjustable AS1364-AD, an output voltage between +1.2V and +5V can be set by using two external resistors (see Figure 17). In this
mode, VOUT is determined by:
(EQ 1)
Where:
VSET/BYP = 1.2V ±0.03V
A simplification of R1 and R2 selection is:
(EQ 2)
Since the input bias current at SET is less than 100nA, large resistance values can be used for R1 and R2 to minimize power consumption and
therefore increasing efficiency.
Note: Up to 125k
 is acceptable for R2. If the SET pin is connected to GND without a resistor, 3.3V will be set as output voltage.
In preset voltage mode, the impedance from SET to GND should be less than 10k
 or spurious conditions may cause the voltage at SET to
exceed the 50mV threshold.
Figure 17. Adjustable Output Voltage Typical Application
8.2 Shutdown
If pin EN is connected to GND the AS1364 is disabled. In shutdown mode all internal circuits are turned off, reducing supply current to 10nA
(typ). For normal device operation pin EN must be connected to IN. During shutdown, POK goes low.
When in shutdown, a 5k
 (typ) discharge path is connected between the output pin and ground.
8.3 Power-OK
The AS1364 features a power-ok indicator that asserts when the output voltage falls out of regulation. The open-drain POK output goes low
when output voltage at OUT falls 6% below its nominal value. A 100k
 pull-up resistor from POK to a (typically OUT) provides a logic control
signal.
POK can be used as a power-on-reset (POR) signal to a microcontroller or can drive an external LED to indicate a power failure condition.
Note: POK is low during shutdown.
VOUT
VSETBYP
1
R1
R2
------
+


=
R1
R2
VOUT
VSETBYP
--------------------- 1
–


=
AS1364
COUT
4.7µF
3
IN
5
OUT
2
EN
7
SET/BYP
CIN
4.7µF
Reset Output
On
Off
4
IN
1
POK
6
OUT
VOUT
VIN
R1
R2
8
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com