Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 2 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 2 Page - ams AG

  AS1364 Datasheet HTML 1Page - ams AG AS1364 Datasheet HTML 2Page - ams AG AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AS1364
1A Low Dropout Linear Voltage Regulator
Datasheet
www.austriamicrosystems.com
Revision 1.8
1 - 19
1 General Description
The AS1364 is a low-dropout linear regulator (LDO) designed to
operate from 2V to 5.5V input, that delivers a wide range of highly
accurate (±0.75%) factory-trimmed output voltages as well as
adjustable output voltages (using an external resistor-divider
network).
The ultra-low dropout device requires only 140mV dropout voltage
while delivering a guaranteed 1A load current and is therefore
perfectly suited for battery-operated portable applications.
Additionally the AS1364 offers extremely low 10µVRMS (100Hz to
100kHz) or 45µVRMS (10Hz to 1MHz) output voltage noise.
The device features an internal PMOS pass transistor (for a low
supply current of only 35µA), reset output, a low-power shutdown
mode, and protection from short-circuit and thermal-overload
conditions.
When in shutdown, a 5k
 (typ) discharge path is connected
between the output pin and ground. The AS1364 is available in a
8-pin TDFN 3x3mm package.
2 Key Features

Guaranteed Output Current: 1A

Low Dropout: 140mV @ 1A

Output Voltage Accuracy: Up to ±0.75%

2.0V to 5.5V Input Voltage

Fixed VOUT: 1.2V to 5.0V

Adjustable VOUT: 1.2V to 5.3V

Low Ground Current: 35µA

Low Shutdown Current: 10nA

Low Output Noise: 45µVRMS (from 10Hz to 1MHz)

Thermal Overload Protection

Output Current Limit

Output discharge path during shutdown

8-pin TDFN 3x3mm Package
3 Applications
The device is ideal for laptops, PDAs, portable audio devices, mobile
phones, cordless phones, and any other battery-operated portable
device.
Table 1. Standard Products
Model
Output Type
BYP
SET
AS1364-AD
Adjustable
No
Yes
AS1364-_ _
Fixed
Yes
No
AS1364
COUT
4.7µF
3
IN
6
OUT
2
EN
1
POK
CIN
4.7µF
Reset Output
On
Off
4
IN
7
SET/BYP
5
OUT
VOUT
VIN
CBYP
10nF
8
GND
Figure 1. AS1364 - Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com