Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 4 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 4 Page - ams AG

  AS1364 Datasheet HTML 1Page - ams AG AS1364 Datasheet HTML 2Page - ams AG AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AS1364
Datasheet - Absolute Maximum Rat i ngs
www.austriamicrosystems.com
Revision 1.8
3 - 19
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
IN, EN, POK to GND
-0.3
+7
V
OUT, SET/BYP to GND
-0.3
VIN + 0.3
V
Output Short-Circuit Duration
Infinite
Latch-Up
-100
+100
mA
JEDEC 78
Electrostatic Discharge
ESD
2
kV
HBM MIL-Std. 883E 3015.7 methods
Temperature Ranges and Storage Conditions
Thermal Resistance
JA
36.3
ºC/W
on PCB
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Junction Temperature
+125
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body temperature)
specified is in accordance with IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-
Hermetic Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com