Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 3 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 3 Page - ams AG

  AS1364 Datasheet HTML 1Page - ams AG AS1364 Datasheet HTML 2Page - ams AG AS1364 Datasheet HTML 3Page - ams AG AS1364 Datasheet HTML 4Page - ams AG AS1364 Datasheet HTML 5Page - ams AG AS1364 Datasheet HTML 6Page - ams AG AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AS1364
Datasheet - Pin Assignm ents
www.austriamicrosystems.com
Revision 1.8
2 - 19
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1POK
Note: Open-Drain POK Output. POK remains low while VOUT is below the POK threshold.
Connect a 100k
 pull-up resistor from this pin to OUT to obtain an output voltage (see Figure 1).
2EN
Active-Low Shutdown Input. A logic low disables the output and reduces the supply current to
0.1µA. In shutdown, the POK output is low and OUT high impedance.
VDD: Normal operation.
GND: Shutdown.
3, 4
IN
2.0V to 5.5V Supply Voltage. Bypass with a 4.7µF input capacitor to GND (see Dropout Voltage on
page 11). These inputs are internally connected, but they also must be externally connected for proper
operation.
5, 6
OUT
Regulator Output. Bypass with a 4.7µF low-ESR output capacitor to GND. Connect the OUT pins
together externally.
7
SET/BYP
Voltage-Setting Input. Connect to GND to select the factory-preset output voltage. Connect this pin to
an external resistor-divider for adjustable-output operation (see Figure 1) – (AS1364-AD only)
Bypass Pin. Connect a 10nF capacitor from this pin to OUT to improve PSRR and noise performance.
(AS1364-AD does not offer this feature)
8GND
Ground
Exposed pad
Connect to
Substrate
Connect to PCB metal area for heatsink purposes. May be left open or connected to common ground.
5OUT
3
IN
2
EN
1
POK
6OUT
7 SET/BYP
8GND
AS1364
4
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com