Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1364 Datasheet(PDF) 18 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 18 Page - ams AG

Back Button AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG AS1364 Datasheet HTML 14Page - ams AG AS1364 Datasheet HTML 15Page - ams AG AS1364 Datasheet HTML 16Page - ams AG AS1364 Datasheet HTML 17Page - ams AG AS1364 Datasheet HTML 18Page - ams AG AS1364 Datasheet HTML 19Page - ams AG AS1364 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AS1364
Datasheet - Pack a ge Drawin gs and Ma r k ings
www.austriamicrosystems.com
Revision 1.8
17 - 19
Revision History
Note: Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
-
-
-
Initial revisions
1.5
Sep 2011
afe
Changes made across document
1.6
18 Nov, 2011
1.7
12 Dec, 2011
Updated equations in Power Dissipation section
1.8
03 Apr, 2012
Corrected Figure 1, Figure 16, Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com