Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 11 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 11 Page - ams AG

Back Button AS1369 Datasheet HTML 7Page - ams AG AS1369 Datasheet HTML 8Page - ams AG AS1369 Datasheet HTML 9Page - ams AG AS1369 Datasheet HTML 10Page - ams AG AS1369 Datasheet HTML 11Page - ams AG AS1369 Datasheet HTML 12Page - ams AG AS1369 Datasheet HTML 13Page - ams AG AS1369 Datasheet HTML 14Page - ams AG AS1369 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
10 - 21
AS1369
Datasheet - Ty pical Operating Characteristics
Figure 29. PSRR vs. VIN-VOUT(NOM), VOUT=1.5V
Figure 30. PSRR vs. VIN-VOUT(NOM), VOUT=2.8V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
00.5
11.5
2
2.5
33.5
4
Vin - Vout(nom) (V)
10mA
50mA
100mA
150mA
200mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
Vin - Vout(nom) (V)
10mA
50mA
100mA
150mA
200mA
Figure 31. PSRR vs. Frequency, IOUT=10mA
Figure 32. Spectral Noise vs. Frequency, IOUT=10mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
Vout = 2.8V
Vout = 1.5V
0.01
0.1
1
10
10
100
1000
10000
100000
Frequency (Hz)
VOUT = 2.8V
VOUT = 1.5V
Figure 33. Voltage Noise vs. VOUT, IOUT=30mA
0
10
20
30
40
50
60
70
80
90
100
1.5
2
2.5
3
3.5
4
4.5
VOUT (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com