Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 5 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 5 Page - ams AG

  AS1369 Datasheet HTML 1Page - ams AG AS1369 Datasheet HTML 2Page - ams AG AS1369 Datasheet HTML 3Page - ams AG AS1369 Datasheet HTML 4Page - ams AG AS1369 Datasheet HTML 5Page - ams AG AS1369 Datasheet HTML 6Page - ams AG AS1369 Datasheet HTML 7Page - ams AG AS1369 Datasheet HTML 8Page - ams AG AS1369 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
4 - 21
AS1369
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40°C to +85°C, VIN = VOUT(NOM) + 0.5V, COUT = CIN = 0.47µF, IOUT = 1mA, VIH = 1.2V (unless otherwise specified)
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
+85
ºC
Operational Voltage Range
2.0
5.5
V
Input Undervoltage Lockout
1.8
V
Accuracy
Over full VIN, VOUT, TAMB = 25°C
including line and load regulation
-0.7
+0.7
%
Over full VIN, VOUT and temperature
including line and load regulation
-2
+2
VDROP
Dropout Voltage
1
1. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value (does not apply to
input voltages below 2.0V).
IOUT = 50mA
20
50
mV
IOUT = 100mA
40
100
IOUT = 150mA
60
150
IOUT = 200mA
80
200
VOUT
Line Regulation
VIN = VOUT(NOM) + 0.5V to 5.5V, VOUT
 2.5V
0.02
0.1
%/V
VIN = VOUT(NOM) + 0.5V to 5.5V, VOUT
 2.5V
0.02
0.2
Load Regulation
IOUT = 5 to 100mA
0.001
0.003
%/mA
IOUT = 5 to 200mA
0.001
0.003
VOUT /
TAMB
Output voltage/temperature
IOUT = 5mA
50
ppm/°C
Output current
Maximum output current
210
mA
IQ
Quiescent current
ILOAD = 0mA
25
50
µA
ILOAD = 200mA
35
60
µA
ISHDN
Standby current
In Shutdown
5
500
nA
tON
Turn On Time
2
2. Turn on time is time measured between the enable input just exceeding the VEN high value and the output voltage just reaching 95% of
its nominal value.
30
µs
PSRR
IOUT = 10mA, f = 1kHz, VOUT = 1.5V
72
dB
IOUT = 10mA, f = 100kHz, VOUT = 1.5V
55
dB
IOUT = 10mA, f = 1kHz, VOUT = 2.8V
80
dB
IOUT = 10mA, f = 100kHz, VOUT = 2.8V
56
dB
Load transient response
1 to 150mA, Trise = Tfall = 1µs,
COUT = CIN = 1µF, ESR load capacitor = 0
±65
mV
eN
Output Noise Voltage
BW = 400Hz to 80kHz, COUT = 1µF,
IOUT = 30mA
30
µVRMS
IEN
Enable Input Current
VEN = 0.4V, VIN = 5.5V
±1
µA
VEN
Enable Input Logic Low
VIN = 2.0V to 5.5V, TAMB = -40°C to 85°C
0.4
V
Enable Input Logic High
1.2
IIN(start)
Startup Peak Current
IOUT = 0mA
340
mA
ISC
Short Circuit Current
VOUT = 0V
210
350
mA
TOFF
Temperature Shutdown
Temperature rising
160
ºC
Hysteresis
20
COUT
Output Capacitor
Load Capacitor Range
0.47
µF
Maximum ESR Load
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com