Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 14 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 14 Page - ams AG

Back Button AS1369 Datasheet HTML 10Page - ams AG AS1369 Datasheet HTML 11Page - ams AG AS1369 Datasheet HTML 12Page - ams AG AS1369 Datasheet HTML 13Page - ams AG AS1369 Datasheet HTML 14Page - ams AG AS1369 Datasheet HTML 15Page - ams AG AS1369 Datasheet HTML 16Page - ams AG AS1369 Datasheet HTML 17Page - ams AG AS1369 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
13 - 21
AS1369
Datasheet - Application In form atio n
8 Application Information
Figure 46. Typical Application Diagram
Figure 46 shows the block diagram of the AS1369. It identifies the basics of a series linear regulator employing a P-Channel MOSFET as the
control element. A stable voltage reference (REF in Figure 46) is compared with an attenuated sample of the output voltage. Any difference
between the two voltages (reference and sample) creates an output from the error amplifier that drives the series control element to reduce the
difference to a minimum. The error amplifier incorporates additional buffering to drive the relatively large gate capacitance of the series pass P-
channel MOSFET, when additional drive current is required under transient conditions. Input supply variations are absorbed by the series
element, and output voltage variations with loading are absorbed by the low output impedance of the regulator.
8.1 Dropout Voltage
Dropout is the input to output voltage difference, below which the linear regulator ceases to regulate. At this point, the output voltage change
follows the input voltage change. Dropout voltage may be measured at different load currents, but is usually specified at maximum output. As a
result, the MOSFET maximum series resistance over temperature is obtained. More generally:
VDROPOUT = ILOAD x RSERIES
(EQ 2)
Dropout is probably the most important specification when the regulator is used in a battery application. The dropout performance of the
regulator defines the useful “end of life” of the battery before replacement or re-charge is required.
VREF
On/Off
Control
Thermal &
Over Current
Protection
VOUT
VIN
_
+
GND
C2
EN
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com