Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 21 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 21 Page - ams AG

Back Button AS1369 Datasheet HTML 14Page - ams AG AS1369 Datasheet HTML 15Page - ams AG AS1369 Datasheet HTML 16Page - ams AG AS1369 Datasheet HTML 17Page - ams AG AS1369 Datasheet HTML 18Page - ams AG AS1369 Datasheet HTML 19Page - ams AG AS1369 Datasheet HTML 20Page - ams AG AS1369 Datasheet HTML 21Page - ams AG AS1369 Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
20 - 21
AS1369
Datasheet - Orderin g Info r m ation
10 Ordering Information
The AS1369 is available as the standard versions listed in Table 4. Other versions are available upon request. Contact austriamicrosystems, AG
for more information.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is available at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 4. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1369-BWLT-12
ASRW
1.2V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-13
ASRX
1.3V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-15
ASPZ
1.5V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-18
ASP0
1.8V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-25
ASP1
2.5V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-28
ASP2
2.8V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-30
ASP3
3.0V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-33
ASP4
3.3V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-45
1
1. Available upon request. Contact austriamicrosystems AG for details.
ASP5
4.5V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-50
1
ASP6
5.0V
200mA Ultra-Compact Low
Dropout Regulator
Tape and Reel
4-bump WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com