Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 2 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 2 Page - ams AG

  AS1369 Datasheet HTML 1Page - ams AG AS1369 Datasheet HTML 2Page - ams AG AS1369 Datasheet HTML 3Page - ams AG AS1369 Datasheet HTML 4Page - ams AG AS1369 Datasheet HTML 5Page - ams AG AS1369 Datasheet HTML 6Page - ams AG AS1369 Datasheet HTML 7Page - ams AG AS1369 Datasheet HTML 8Page - ams AG AS1369 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AS1369
200mA Ultra-Compact Low Dropout Regulator
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
1 - 21
Datasheet
1 General Description
The AS1369 is an ultra compact high-performance low-dropout
200mA voltage regulator designed for use with very-low ESR output
capacitors. The device can deliver superior performance in all
specifications critical to battery-powered designs, and is perfectly
suited for mobile phones, PDAs, MP3 players, and other battery
powered devices.
The AS1369 is fully operational with small input and output capacitor
of only 0.47µF offering PSRR of 72dB typical and a noise level of
30µVRMS.
Typical quiescent current is around 25µA while in shutdown the
AS1369 requires less than 0.1µA quiescent current.
Regulation performance is excellent even under low dropout
conditions, when the power transistor has to operate in linear mode.
The AS1369 offers excellent low-noise performance requiring no
external bypass capacitance.
Multiple output voltage options between 1.2V and 5.0V in 100mV
steps are available and the minimum input voltage is as low as 2.0V
(depending on the output voltage version), so the component can be
used with the new and emerging battery technologies.
The AS1369 is available in a 4-bump WL-CSP package.
Figure 1. AS1369 - Block Diagram
2 Key Features

Low Dropout Voltage: typ. 40mV @ 100mA

200mA High Maximum Load Current

2.0V to 5.5V Input Voltage

1.2V to 5.0V Output Voltage (in 100mV steps)

High Accuracy: ±2% Over Temperature

Thermal and Over Current Protection

25µA Quiescent Current

<0.1µA Standby Current

High PSRR: 72dB @ 1kHz

No Noise Bypass Capacitor Required

Low Noise: 30µVRMS

Enable Pin

Package: 4-bump WL-CSP 0.5mm pitch
3 Applications
The device is ideal for mobile communication, battery powered
systems and any electronic equipment.
VREF
On/Off
Control
Thermal &
Over Current
Protection
VOUT
VIN
_
+
GND
C2 1µF
EN
C1 1µF
B1
VOUT
A1
GND
B2
VIN
A2
EN
(WLP; Top Through View)
AS1369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com