Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 15 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 15 Page - ams AG

Back Button AS1369 Datasheet HTML 11Page - ams AG AS1369 Datasheet HTML 12Page - ams AG AS1369 Datasheet HTML 13Page - ams AG AS1369 Datasheet HTML 14Page - ams AG AS1369 Datasheet HTML 15Page - ams AG AS1369 Datasheet HTML 16Page - ams AG AS1369 Datasheet HTML 17Page - ams AG AS1369 Datasheet HTML 18Page - ams AG AS1369 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
14 - 21
AS1369
Datasheet - Application In form atio n
Figure 47. Graphical Representation of Dropout Voltage
Figure 47 shows the variation of VOUT as VIN is varied for a certain load current. The practical value of dropout is the differential voltage (VOUT
- VIN) measured at the point where the LDO output voltage has fallen by 100mV below the nominal, fully regulated output value. The nominal
regulated output voltage of the LDO is that obtained when there is 500mV (or greater) input-output voltage differential.
8.2 Efficiency
Low quiescent current and low input-output voltage differential are important in battery applications amongst others, as the regulator efficiency is
directly related to quiescent current and dropout voltage. Efficiency is given by:
Efficiency =
%
(EQ 3)
Where:
IQ = Quiescent current of LDO
8.3 Power Dissipation
Maximum power dissipation (PD) of the LDO is the sum of the power dissipated by the internal series MOSFET and the quiescent current
required to bias the internal voltage reference and the internal error amplifier, and is calculated as:
Watts
(EQ 4)
Internal power dissipation as a result of the bias current for the internal voltage reference and the error amplifier is calculated as:
Watts
(EQ 5)
Total LDO power dissipation is calculated as:
Watts
(EQ 6)
Dropout
Voltage
100mV
VIN
VOUT
VOUT
VIN
VOUT
VIN=VOUT(TYP)+0.5V
VIN
V
LOAD
I
LOAD
V
IN IQ
I
LOAD
+

-----------------------------------------
100
PD
MAX
 Seriespass

I
LOAD MAX

=
V
IN MAX

V
OUT MIN

–

PD
MAX
 Bias

V
IN MAX
IQ
=
PD
MAX
 Total

PD
MAX
 Seriespass
 PD
MAX

+
Bias

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com